Part Number Hot Search : 
MBT2222A EKA8564A SA5777A TW0161A WL30NC 25V10 BAS21 24S12
Product Description
Full Text Search
 

To Download 2SA1493 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1493
DESCRIPTION *With MT-200 package *Complement to type 2SC3857 APPLICATIONS *Audio and general purpose
PINNING(see Fig.2) PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (MT-200) and symbol DESCRIPTION
*
Absolute maximum ratings (Ta=25)
SYMBOL VCBO VCEO VEBO IC IB
B
PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collectorl power dissipation Junction temperature Storage temperature TC=25
CONDITIONS Open emitter Open base Open collector
VALUE -200 -200 -6 -15 -5 150 150 -55~150
UNIT V V V A A W
PC Tj Tstg
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL V(BR)CEO VCEsat ICBO IEBO hFE fT COB PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency Output capacitance CONDITIONS IC=-50mA; IB=0 IC=-10 A;IB=-1 A VCB=-200V; IE=0 VEB=-6V; IC=0 IC=-5A ; VCE=-4V IC=-0.5A ; VCE=-12V IE=0; VCB=-10V;f=1MHz 50 20 400 MIN -200
2SA1493
TYP.
MAX
UNIT V
-3.0 -100 -100 180
V A A
MHz pF
Switching times ton ts tf Turn-on time Storage time Fall time IC=-5A;RL=-12 IB1=-IB2=-0.5A VCC=-60V 0.30 0.90 0.20 s s s
hFE classifications O 50-100 P 70-140 Y 90-180
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1493
Fig.2 Outline dimensions
3
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1493
4


▲Up To Search▲   

 
Price & Availability of 2SA1493

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X